Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F050F4 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 27Page - STMicroelectronics STM32F050F4 Datasheet HTML 28Page - STMicroelectronics STM32F050F4 Datasheet HTML 29Page - STMicroelectronics STM32F050F4 Datasheet HTML 30Page - STMicroelectronics STM32F050F4 Datasheet HTML 31Page - STMicroelectronics STM32F050F4 Datasheet HTML 32Page - STMicroelectronics STM32F050F4 Datasheet HTML 33Page - STMicroelectronics STM32F050F4 Datasheet HTML 34Page - STMicroelectronics STM32F050F4 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
Table 10.
Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
PB2
PB3
SPI1_SCK, I2S1_CK
EVENTOUT
TIM2_CH2
PB4
SPI1_MISO, I2S1_MCK
TIM3_CH1
EVENTOUT
PB5
SPI1_MOSI, I2S1_SD
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
PB8
I2C1_SCL
TIM16_CH1
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
PB10
I2C1_SCL(1)
TIM2_CH3
PB11
EVENTOUT
I2C1_SDA(1)
TIM2_CH4
PB12
SPI1_NSS(1)
EVENTOUT
TIM1_BKIN
PB13
SPI1_SCK(1)
TIM1_CH1N
PB14
SPI1_MISO(1)
TIM1_CH2N
PB15
SPI1_MOSI(1)
TIM1_CH3N
1.
This alternate feature is available on standard dies only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97