Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103RG Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F103RG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 28Page - STMicroelectronics STM32F103RG Datasheet HTML 29Page - STMicroelectronics STM32F103RG Datasheet HTML 30Page - STMicroelectronics STM32F103RG Datasheet HTML 31Page - STMicroelectronics STM32F103RG Datasheet HTML 32Page - STMicroelectronics STM32F103RG Datasheet HTML 33Page - STMicroelectronics STM32F103RG Datasheet HTML 34Page - STMicroelectronics STM32F103RG Datasheet HTML 35Page - STMicroelectronics STM32F103RG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
Pinouts and pin descriptions
STM32F103xF, STM32F103xG
32/120
Doc ID 16554 Rev 3
K10
-
60 82
PD13
I/O FT
PD13
FSMC_A18
TIM4_CH2
G8
-
-
83
VSS_8
SVSS_8
F8
-
-
84
VDD_8
SVDD_8
K11
-
61 85
PD14
I/O FT
PD14
FSMC_D0
TIM4_CH3
K12
-
62 86
PD15
I/O FT
PD15
FSMC_D1
TIM4_CH4
J12
-
-
87
PG2
I/O FT
PG2
FSMC_A12
J11
-
-
88
PG3
I/O FT
PG3
FSMC_A13
J10
-
-
89
PG4
I/O FT
PG4
FSMC_A14
H12
-
-
90
PG5
I/O FT
PG5
FSMC_A15
H11
-
-
91
PG6
I/O FT
PG6
FSMC_INT2
H10
-
-
92
PG7
I/O FT
PG7
FSMC_INT3
G11
-
-
93
PG8
I/O FT
PG8
G10
-
-
94
VSS_9
SVSS_9
F10
-
-
95
VDD_9
SVDD_9
G12 37 63 96
PC6
I/O FT
PC6
I2S2_MCK / TIM8_CH1 /
SDIO_D6
TIM3_CH1
F12 38 64 97
PC7
I/O FT
PC7
I2S3_MCK / TIM8_CH2 /
SDIO_D7
TIM3_CH2
F11 39 65 98
PC8
I/O FT
PC8
TIM8_CH3 / SDIO_D0
TIM3_CH3
E11 40 66 99
PC9
I/O FT
PC9
TIM8_CH4 / SDIO_D1
TIM3_CH4
E12 41 67 100
PA8
I/O FT
PA8
USART1_CK / TIM1_CH1(7) /
MCO
D12 42 68 101
PA9
I/O FT
PA9
USART1_TX(7) / TIM1_CH2(7)
D11 43 69 102
PA10
I/O FT
PA10
USART1_RX(7) / TIM1_CH3(7)
C12 44 70 103
PA11
I/O FT
PA11
USART1_CTS / USBDM /
CAN_RX(7) / TIM1_CH4(7)
B12 45 71 104
PA12
I/O FT
PA12
USART1_RTS / USBDP /
CAN_TX(7) / TIM1_ETR(7)
A12 46 72 105
PA13
I/O FT
JTMS-
SWDIO
PA13
C11
-
73 106
Not connected
G9 47 74 107
VSS_2
SVSS_2
F9
48 75 108
VDD_2
SVDD_2
A11 49 76 109
PA14
I/O FT
JTCK-
SWCLK
PA14
Table 5.
STM32F103xF and STM32F103xG pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More