| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L151CB Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 61/121 Table 23. Typical and maximum current consumptions in Standby mode Symbol Parameter Conditions Typ(1) Max (1)(2) Unit IDD (Standby with RTC) Supply current in Standby mode with RTC enabled RTC clocked by LSI (no independent watchdog) TA = -40 °C to 25 °C VDD = 1.8 V 0.9 TA = -40 °C to 25 °C 1.1 1.8 µA TA = 55 °C 1.42 2.5 TA= 85 °C 1.87 3 TA = 105 °C 2.78 5 RTC clocked by LSE (no independent watchdog)(3) TA = -40 °C to 25 °C VDD = 1.8 V 1 TA = -40 °C to 25 °C 1.33 2.9 TA = 55 °C 1.59 3.4 TA= 85 °C 2.01 4.3 TA = 105 °C 3.27 6.3 IDD (Standby) Supply current in Standby mode with RTC disabled Independent watchdog and LSI enabled TA = -40 °C to 25 °C 1.1 1.6 Independent watchdog and LSI OFF TA = -40 °C to 25 °C 0.3 0.55 TA = 55 °C 0.5 0.8 TA = 85 °C 1 1.7 TA = 105 °C 2.5 4(4) IDD (WU from Standby) RMS supply current during wakeup time when exiting from Standby mode VDD = 3.0 V TA = -40 °C to 25 °C 1µA 1. The typical values are given for VDD = 3.0 V and max values are given for VDD = 3.6 V, unless otherwise specified. 2. Based on characterization, not tested in production, unless otherwise specified. 3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8pF loading capacitors. 4. Tested in production. |