Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

184PC15GT Fiches technique(PDF) 3 Page - Honeywell Solid State Electronics Center

No de pièce 184PC15GT
Description  Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

184PC15GT Fiches technique(HTML) 3 Page - Honeywell Solid State Electronics Center

  184PC15GT Datasheet HTML 1Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 2Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 3Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 4Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pressure Sensors
180PC Series
Miniature Absolute, Differential, Gage/Amplified
46
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
184PC SERIES ORDER GUIDE, VACUUM GAGE TYPE
Linearity, %Span
Catalog
Listing
Pressure
Range
psi
Overpressure
psi
Max.
P2 > P1
Max.
P2 < P1
Max.
184PC05GT
0-−5
20
---
±1.00
184PC15GT
0-−15
45
---
±1.00
185PC SERIES ORDER GUIDE, DIFFERENTIAL TYPE, P2 > P1
Linearity, %Span
Catalog
Listing
Pressure
Range
psi
Overpressure
psi
Max.
P2 > P1
Max.
P2 < P1
Max.
185PC05DT
0-5
20
±2.00
±1.00
185PC15DT
0-15
45
±2.00
±1.00
185PC30DT
0-30
60
±1.50
±0.75
186PC SERIES ORDER GUIDE, BI-DIRECTIONAL TYPE, P2-P1
Linearity, %Span
Catalog
Listing
Pressure
Range
psi
Overpressure
psi
Max.
P2 > P1
Max.
P2 < P1
Max.
186PC03DT
±2.5
20
±2.00
±1.00
186PC05DT
±5.0
20
±2.00
±1.00
186PC15DT
±15
45
±2.00
±1.00
185PC SERIES ORDER GUIDE, ABSOLUTE TYPE
Linearity, %Span
Catalog
Listing
Pressure
Range
psi
Overpressure
psi
Max.
P2 > P1
Max.
P2 < P1
Max.
185PC15AT
0-15
45
---
±1.00
185PC30AT
0-30
60
---
±0.75
HOW TO ORDER
Catalog listings in the order guide are shown
with mounting version T (terminal mount). H
(housing mount) also available. Contact 800
number.



Html Pages

1 2 3 4 5