Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E-L4960 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce E-L4960
Description  2.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L4960 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button E-L4960 Datasheet HTML 8Page - STMicroelectronics E-L4960 Datasheet HTML 9Page - STMicroelectronics E-L4960 Datasheet HTML 10Page - STMicroelectronics E-L4960 Datasheet HTML 11Page - STMicroelectronics E-L4960 Datasheet HTML 12Page - STMicroelectronics E-L4960 Datasheet HTML 13Page - STMicroelectronics E-L4960 Datasheet HTML 14Page - STMicroelectronics E-L4960 Datasheet HTML 15Page - STMicroelectronics E-L4960 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
APPLICATION INFORMATION (continued)
Figure 31. Regulator for distributed supplies
MOUNTING INSTRUCTION
The power dissipated in the circuit must be removed
by adding an external heatsink.
Thanks to the Heptawatt package attaching the
hetsink is very simple, a screw or a compression
spring (clip) being sufficient. Between the heatsink
and the package it is better to insert a layer of silicon
grease, to optimize the thermal contact, no electri-
cal isolation is needed between the two surfaces.
Figure 32. Mounting example
13/16
L4960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16