Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXTP102N15T Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXTP102N15T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP102N15T Fiches technique(HTML) 3 Page - IXYS Corporation

  IXTP102N15T Datasheet HTML 1Page - IXYS Corporation IXTP102N15T Datasheet HTML 2Page - IXYS Corporation IXTP102N15T Datasheet HTML 3Page - IXYS Corporation IXTP102N15T Datasheet HTML 4Page - IXYS Corporation IXTP102N15T Datasheet HTML 5Page - IXYS Corporation IXTP102N15T Datasheet HTML 6Page - IXYS Corporation IXTP102N15T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXTA102N15T IXTH102N15T
IXTP102N15T IXTQ102N15T
TO-3P (IXTQ) Outline
TO-263 (IXTA) Outline
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 (IXTP) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-247 (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
e
∅ P
1
2
3



Html Pages

1 2 3 4 5 6 7