| Moteur de recherche de fiches techniques de composants électroniques |
|
ADNS-2700 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ADNS-2700 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 39 page ![]() 2 Table 1. Pin Name Description Pin Name Input/Output Description XY_LED I XY_LED VDDA5 – 5-Volt Power ZB I Z-Wheel quadrature input ZA I Z-Wheel quadrature input SW – 3-in-1 button pin. Do not force any voltage into this pin GND – Ground D- I/O USB D- line D+ I/O USB D+ line Package Pinout Theory of Operation The sensor is based on Optical Navigation Technology. It contains an Image Acquisition System (IAS), a Digital Signal Processor (DSP) and USB stream output. The IAS acquires microscopic surface images via the lens and illumination system provided by the trim lens. The clip and LED. These images are processed by the DSP to determine the direction and distance of motion. The DSP generates the x and y relative displacement values which are converted to USB motion data. Figure 1. Package outline drawing (top view) Product Number Date Code Lot Code 1 2 3 4 5 6 7 8 Item Marking Remarks Product Number A2700 Date Code XYYWWZ X = Subcon Code YYWW = Date Code Z = Sensor Die Source E = Wafer Revision Lot Code VVV Numeric |