| Moteur de recherche de fiches techniques de composants électroniques |
|
ACPL-4800 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-4800 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 10 page ![]() 2 Package Outline Drawings DIP-8 Package 1.080 ± 0.320 (0.043 ± 0.013) 2.54 ± 0.25 (0.100 ± 0.010) 0.51 (0.020) MIN. 0.65 (0.025) MAX. 4.70 (0.185) MAX. 2.92 (0.115) MIN. 5˚ TYP. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 7.62 ± 0.25 (0.300 ± 0.010) 6.35 ± 0.25 (0.250 ± 0.010) 9.65 ± 0.25 (0.380 ± 0.010) 1.78 (0.070) MAX. 1.19 (0.047) MAX. A XXXXZ YYWW DATE CODE DIMENSIONS IN MILLIMETERS AND (INCHES). 5 6 7 8 4 3 2 1 OPTION CODE* UL RECOGNITION UR TYPE NUMBER * MARKING CODE LETTER FOR OPTION NUMBERS "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED. 3.56 ± 0.13 (0.140 ± 0.005) Ordering Information ACPL-4800 is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Acceptance Notice #5, File CA 88324. Part number Option Package Surface Mount Gull Wing Tape& Reel IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant ACPL-4800 -000E 300mil DIP-8 50 per tube -300E X X 50 per tube -500E X X X 1000 per reel -060E X 50 per tube -360E X X X 50 per tube -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-4800-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant. Example 2: ACPL-4800-000E to order product of 300mil DIP package in tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |