Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2829DBVR Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2829DBVR
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2829DBVR Fiches technique(HTML) 22 Page - Texas Instruments

Back Button TPS2829DBVR Datasheet HTML 16Page - Texas Instruments TPS2829DBVR Datasheet HTML 17Page - Texas Instruments TPS2829DBVR Datasheet HTML 18Page - Texas Instruments TPS2829DBVR Datasheet HTML 19Page - Texas Instruments TPS2829DBVR Datasheet HTML 20Page - Texas Instruments TPS2829DBVR Datasheet HTML 21Page - Texas Instruments TPS2829DBVR Datasheet HTML 22Page - Texas Instruments TPS2829DBVR Datasheet HTML 23Page - Texas Instruments TPS2829DBVR Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS2816DBVR
SOT-23
DBV
5
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2816DBVT
SOT-23
DBV
5
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2817DBVR
SOT-23
DBV
5
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2817DBVT
SOT-23
DBV
5
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2818DBVR
SOT-23
DBV
5
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2819DBVR
SOT-23
DBV
5
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2819DBVT
SOT-23
DBV
5
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS2828DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS2828DBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS2828DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS2829DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS2829DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Feb-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24