| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320 Fiches technique(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320 Fiches technique(HTML) 64 Page - Texas Instruments |
|
64 / 70 page ![]() TMS320E25 SPRS010B — MAY 1987 — REVISED NOVEMBER 1990 POST OFFICE BOX 1443 HOUSTON, TEXAS 77001 64 Start X=0 Verify RBIT Device Passed X = 25? Fail No Pass EPROM Protect Setup Program One 1-ms Pulse X=X+1 Protect Verify Setup Device Failed Verify RBIT Protect Verify Setup Program One Pulse of 3X-ms Duration EPROM Protect Setup Yes Figure 12. EPROM Protect Flowchart protect verify Protect verify is used following the EPROM protect to verify correct programming of the RBIT (see Figure 12). When using protect verify, Q8 outputs the state of the RBIT. When RBIT = 1, the EPROM is unprotected; when RBIT = 0, the EPROM is protected. The EPROM protect and verify timings are shown in Figure 13. |