Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC193MFKB Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce TLC193MFKB
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC193MFKB Fiches technique(HTML) 22 Page - Texas Instruments

Back Button TLC193MFKB Datasheet HTML 18Page - Texas Instruments TLC193MFKB Datasheet HTML 19Page - Texas Instruments TLC193MFKB Datasheet HTML 20Page - Texas Instruments TLC193MFKB Datasheet HTML 21Page - Texas Instruments TLC193MFKB Datasheet HTML 22Page - Texas Instruments TLC193MFKB Datasheet HTML 23Page - Texas Instruments TLC193MFKB Datasheet HTML 24Page - Texas Instruments TLC193MFKB Datasheet HTML 25Page - Texas Instruments TLC193MFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
5962-9555101NXDR
SOIC
D
8
2500
367.0
367.0
35.0
TLC393CDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC393CPSR
SO
PS
8
2000
367.0
367.0
38.0
TLC393IDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC393QDR
SOIC
D
8
2500
367.0
367.0
35.0
TLC393QDRG4
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31