Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151RB Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32L151RB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RB Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32L151RB Datasheet HTML 38Page - STMicroelectronics STM32L151RB Datasheet HTML 39Page - STMicroelectronics STM32L151RB Datasheet HTML 40Page - STMicroelectronics STM32L151RB Datasheet HTML 41Page - STMicroelectronics STM32L151RB Datasheet HTML 42Page - STMicroelectronics STM32L151RB Datasheet HTML 43Page - STMicroelectronics STM32L151RB Datasheet HTML 44Page - STMicroelectronics STM32L151RB Datasheet HTML 45Page - STMicroelectronics STM32L151RB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
PA15
JTDI
TIM2_CH1_
ETR
SPI1_NSS
SEG17
TIMx_IC4
EVENTOUT
PB0
TIM3_CH3
[SEG5]
EVENTOUT
PB1
TIM3_CH4
[SEG6]
EVENTOUT
PB2
BOOT1
EVENTOUT
PB3
JTDO
TIM2_CH2
SPI1_SCK
[SEG7]
EVENTOUT
PB4
JTRST
TIM3_CH1
SPI1_MISO
[SEG8]
EVENTOUT
PB5
TIM3_CH2
I2C1_
SMBA
SPI1_MOSI
[SEG9]
EVENTOUT
PB6
TIM4_CH1
I2C1_SCL
USART1_
TX
EVENTOUT
PB7
TIM4_CH2
I2C1_SDA
USART1_
RX
EVENTOUT
PB8
TIM4_CH3 TIM10_CH1* I2C1_SCL
SEG16
EVENTOUT
PB9
TIM4_CH4 TIM11_CH1* I2C1_SDA
[COM3]
EVENTOUT
PB10
TIM2_CH3
I2C2_SCL
USART3_
TX
SEG10
EVENTOUT
PB11
TIM2_CH4
I2C2_SDA
USART3_
RX
SEG11
EVENTOUT
PB12
TIM10_CH1
I2C2_
SMBA
SPI2_NSS
USART3_
CK
SEG12
EVENTOUT
PB13
TIM9_CH1
SPI2_SCK
USART3_
CTS
SEG13
EVENTOUT
PB14
TIM9_CH2
SPI2_MISO
USART3_
RTS
SEG14
EVENTOUT
PB15
RTC_REFIN
TIM11_CH1
SPI2_MOSI
SEG15
EVENTOUT
PC0
SEG18
TIMx_IC1
EVENTOUT
PC1
SEG19
TIMx_IC2
EVENTOUT
Table 10.
Alternate function input/output (continued)
Port
name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFOI6 AFIO7 AFIO8 AFIO9 AFIO10 AFIO11 AFIO12 AFIO13 AFIO14 AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4
TIM9/10/11
I2C1/2
SPI1/2
N/A
USART
1/2/3
N/A
N/A
USB
LCD
N/A
N/A
RI
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More