| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER06XN Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06XN Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 28 page ![]() Typical circuit VIPER06 14/28 Doc ID 022794 Rev 1 Figure 19. Flyback converter (isolated output without optocoupler) Figure 20. Buck converter (optional) Rfbl L1 CONTROL FB DRAIN GND VDD COMP LIM VIPer06 Rfbh + Cout TRANSF 1 3 4 12 10 66 FUSE Daux + CVDD Rc + C1 D2 Rcl Cfb -+ D0 BRIDGE 4 2 D1 Cc Cp RLIM Ccl + C2 Raux Vout AC IN AC IN . AM01196v1 (optional) CONTROL FB DRAIN GND VDD COMP LIM VIPer06 Ccomp Rfb2 Cout C1 D2 Lout C3 Rfb1 Rcomp C4 L1 C2 RLIM Cfb Dout AC IN GND Vout AM01194v1 |