Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA705NA/3K Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce OPA705NA/3K
Description  Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OPA705NA/3K Fiches technique(HTML) 13 Page - Texas Instruments

Back Button OPA705NA/3K Datasheet HTML 7Page - Texas Instruments OPA705NA/3K Datasheet HTML 8Page - Texas Instruments OPA705NA/3K Datasheet HTML 9Page - Texas Instruments OPA705NA/3K Datasheet HTML 10Page - Texas Instruments OPA705NA/3K Datasheet HTML 11Page - Texas Instruments OPA705NA/3K Datasheet HTML 12Page - Texas Instruments OPA705NA/3K Datasheet HTML 13Page - Texas Instruments OPA705NA/3K Datasheet HTML 14Page - Texas Instruments OPA705NA/3K Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2705EA/250
VSSOP
DGK
8
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA4705EA/250
TSSOP
PW
14
250
180.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
OPA4705EA/2K5
TSSOP
PW
14
2500
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
OPA705NA/250
SOT-23
DBV
5
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA705NA/3K
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Aug-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15