Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP38853 Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LP38853 Datasheet HTML 18Page - Texas Instruments LP38853 Datasheet HTML 19Page - Texas Instruments LP38853 Datasheet HTML 20Page - Texas Instruments LP38853 Datasheet HTML 21Page - Texas Instruments LP38853 Datasheet HTML 22Page - Texas Instruments LP38853 Datasheet HTML 23Page - Texas Instruments LP38853 Datasheet HTML 24Page - Texas Instruments LP38853 Datasheet HTML 25Page - Texas Instruments LP38853 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP38853MRX-ADJ
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LP38853MRX-ADJ/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LP38853SX-ADJ
DDPAK/TO-263
KTW
7
500
367.0
367.0
45.0
LP38853SX-ADJ/NOPB
DDPAK/TO-263
KTW
7
500
367.0
367.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28