Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4889MA/NOPB Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4889MA/NOPB
Description  1 Watt Audio Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4889MA/NOPB Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM4889MA/NOPB Datasheet HTML 18Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 19Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 20Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 21Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 22Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 23Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 24Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 25Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM4889ITLX/NOPB
DSBGA
YZR
8
3000
178.0
8.4
1.7
1.7
0.76
4.0
8.0
Q1
LM4889MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM4889MM
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM4889MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM4889MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27