Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM78L15ACM/NOPB Fiches technique(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM78L15ACM/NOPB
Description  LM78LXX Series 3-Terminal Positive Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L15ACM/NOPB Fiches technique(HTML) 14 Page - Texas Instruments

Back Button LM78L15ACM/NOPB Datasheet HTML 10Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 11Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 12Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 13Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 14Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 15Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 16Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 17Page - Texas Instruments LM78L15ACM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-May-2013
Addendum-Page 3
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21