Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCU877ZQL Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 6Page - Texas Instruments CDCU877ZQL Datasheet HTML 7Page - Texas Instruments CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments CDCU877ZQL Datasheet HTML 10Page - Texas Instruments CDCU877ZQL Datasheet HTML 11Page - Texas Instruments CDCU877ZQL Datasheet HTML 12Page - Texas Instruments CDCU877ZQL Datasheet HTML 13Page - Texas Instruments CDCU877ZQL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
O
1
t
= t
-
jit(hper)
half period n
2 x f
n=anyhalfcycle
(f averageinputfrequencymeasuredatCK/
O
CK
(3)
ClockInputs
V
ID, VOD
80%
20%
80%
20%
t
r(i)
r(o)
, t
and Outputs,OE
t
f(i)
f(o)
, t
V
- V
80%
20%
slrr
=
(i/o)
tr(i/o)
V
- V
80%
20%
slrf
=
(i/o)
tf(i/o)
(4)
t
jdyn
t
jdyn
t
jdyn
t
jdyn
t
j
t
j
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Half-Period Jitter
Figure 9. Input and Output Slew Rates
Figure 10. Dynamic Phase Offset
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com