Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCM7005 Fiches technique(PDF) 15 Page - Texas Instruments

No de pièce CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Fiches technique(HTML) 15 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 11Page - Texas Instruments CDCM7005_13 Datasheet HTML 12Page - Texas Instruments CDCM7005_13 Datasheet HTML 13Page - Texas Instruments CDCM7005_13 Datasheet HTML 14Page - Texas Instruments CDCM7005_13 Datasheet HTML 15Page - Texas Instruments CDCM7005_13 Datasheet HTML 16Page - Texas Instruments CDCM7005_13 Datasheet HTML 17Page - Texas Instruments CDCM7005_13 Datasheet HTML 18Page - Texas Instruments CDCM7005_13 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
YxA
YxA
YxB
YxA
YxB
YxB
VCXO_IN
/VCXO_IN
YxA
LVPECL
LVCMOS
YxA/B
VCXO_IN
/VCXO_IN
LVCMOS
LVCMOS
YxA/B
LVPECL
LVCMOS
tpd(LH) / tpd(HL); tsk(p) = | tpd(HL) − tpd(LH) |
LVPECL
LVPECL
tsk(o)LVPECL
tskp_c
tpd(LH); tsk(p) = | tpd(HL) − tpd(LH) |
tsk(o)LVCMOS
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
PARAMETER MEASUREMENT INFORMATION (continued)
A.
Output skew, tsk(o), is calculated as the greater of:
The difference between the fastest and the slowest tpd(LH)n (n = 0...4)
The difference between the fastest and the slowest tpd(HL)n (n = 0...4)
B.
Pluse skew, tsk(p), is calculated as the magnitude of the absolute time difference between the high-to-low (tpd(HL)) and
the low-to-high (tpd(LH)) propagation delays when a single switching input causes one or more outputs to switch,
tsk(p) = |tpd(HL) – tpd(LH) |. Pulse skew is sometimes refered to as pulse width distortion or duty cycle skew.
Figure 10. Output Skew
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45