| Moteur de recherche de fiches techniques de composants électroniques |
|
bq76PL536APAP Fiches technique(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
bq76PL536APAP Fiches technique(HTML) 14 Page - Texas Instruments |
|
14 / 60 page ![]() bq76PL536A SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012 www.ti.com Vertical Communications Bus Typical values stated where TA = 25ºC and VBAT = 20 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT tHV_SCLK Propagation delay, SCLK_H to HOST = 0 40 ns SCLK_N tVB_SCLK Propagation delay, SCLK_S to HOST = 1 30 ns SCLK_N tHV_CS Propagation delay, CS_H to CS_N HOST = 0 40 ns tVB_CS Propagation delay, CS_S to CS_N HOST = 1 30 ns tHV_SDI Propagation delay, SDI_H to SDI_N HOST = 0 40 ns tVB_SDI Propagation delay, SDI_S to SDI_N HOST = 1 30 ns tHV_CONV Propagation delay, CONV_H to HOST = 0 100 ns CONV_N tVB_CONV Propagation delay, CONV_S to HOST = 1 30 ns CONV_N tHV_SDO Propagation delay, SDO_N to HOST = 0 10 ns SDO_H tVB_SDO Propagation delay, SDO_N to HOST = 1 40 ns SDO_S tHV_DRDY Propagation delay, DRDY_N to HOST = 0 60 ns DRDY_H tVB_DRDY Propagation delay, DRDY_N to HOST = 1 40 ns DRDY_S tHV_FAULT Propagation delay, FAULT_N to HOST = 0 55 ns FAULT_H tVB_FAULT Propagation delay, FAULT_N to HOST = 1 30 ns FAULT_S tHV_ALERT Propagation delay, ALERT_N to HOST = 0 65 ns ALERT_H tVB_ALERT Propagation delay, ALERT_N to HOST = 1 30 ns ALERT_S (1) Typical values are quoted in place of MIN/MAX for design guidance only. Actual propagation delay depends heavily on wiring and capacitance in the signal path. These parameters are not tested in production due to these dependencies on system design considerations. ANALOG-TO-DIGITAL CONVERSION (ADC) General Features The integrated 14-bit (unsigned) high-speed successive approximation register (SAR) analog-to-digital converter uses an integrated band-gap reference voltage (VREF) for the cell and brick measurements. The ADC has a front- end multiplexer for nine inputs – six cells, two temperature sensors, and one general-purpose analog input (GPAI). The GPAI input can further be multiplexed to measure the brick voltage between the BATx pin and VC0 or the voltage between the GPAI+ and GPAI– pins. The ADC and reference are factory trimmed to compensate for gain, offset, and temperature-induced errors for all inputs. The measurement result is not allowed to roll over due to offset error at the top and bottom of the range, i.e., a reading near zero does not underflow to 0x03ff due to offset error, and vice-versa. The converter returns 14 valid unsigned magnitude bits in the following format: <00xxxxxx xxxxxxxx> Each word is returned in big-endian format in a register pair consisting of two adjacent 8-bit registers. The MSB of the word is located in the lower-address register of the pair, i.e., data for cell 1 is returned in registers 0x03 and 0x04 as 00xxxxxx xxxxxxxxb. 14 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Links :bq76PL536A |