Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC4001 Fiches technique(PDF) 2 Page - First Components International

No de pièce KBPC4001
Description  40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC4001 Fiches technique(HTML) 2 Page - First Components International

  KBPC4001 Datasheet HTML 1Page - First Components International KBPC4001 Datasheet HTML 2Page - First Components International KBPC4001 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating Characteristic Curves KBPC4000~4010(Ta=25C Unless otherwise noted)
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
150
20
100
0
10
30
40
50
50
FIG.2- DERATING CURVE OUTPUT
RECTIFIED CURRENT
CASE TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
100
10
1.0
0.1
0.01
1.6
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXIMUM FORWARD SURGE CURRENT
200
100
0
300
500
600
400
100
10
1
40 Amps Plastic case
Silicon Bridge Rectifiers



Html Pages

1 2 3