Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC1504 Fiches technique(PDF) 4 Page - First Components International

No de pièce KBPC1504
Description  15Amps Single Phase Silicon Bridge Mounting Position: Any
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC1504 Fiches technique(HTML) 4 Page - First Components International

  KBPC1504 Datasheet HTML 1Page - First Components International KBPC1504 Datasheet HTML 2Page - First Components International KBPC1504 Datasheet HTML 3Page - First Components International KBPC1504 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
FCI’S KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials.
How To Specify Case Material and Terminal Options:
n For Metal Case, Order Suffix (1) “M”
n For Plastic Case, Order Suffix (1) “P”
n For Faston Terminals, Order Suffix (2) “F”
n For Wire Lead Terminals, Order Suffix (2) “W”
KBPC Series Examples
To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case:
Specify - KBPC2504PF . . . Where “P” = Plastic and “F” = Faston Terminals
Case - Metal or Molded Plastic
Terminals - Plated .25" Faston or Plated Copper Wire
Leads .040" Diameter
Weight - 0.706 Ounces, 20 Grams
Mounting Position - Any with Bolt Down with Silicone
Thermal Compound Between Bridge and
Mounting Surface for Optimum Heat
Transfer
Mounting Torque - 20 Inch Pound Max
To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case:
Specify - KBPC3508MW . . . Where “M” = Metal and “W” = Wire Leads (Terminals)
To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case:
Specify - KBPC1502PWU . . . Where “P” = Plastic and “W” = Wire Leads (Terminals) and “U” = UL Recognized
NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components.
KBPC - “S” Series Examples
To Order Bridges with the “In-Line” Pin Configuration, Select the Current and Voltage Desired and Add “S” as the Suffix, as
shown in the following example.
To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads:
Specify - KBPC3508S . . . Where “S” = In-Line Wire Lead Terminals
DC Out
AC In
1
5Amps
Single Phase Silicon Bridge



Html Pages

1 2 3 4