| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6549-E/ST Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6549-E/ST Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 44 page ![]() © 2002-2012 Microchip Technology Inc. DS21714G-page 21 MCP6546/6R/6U/7/8/9 Package Marking Information (Continued) XXXXXXXXXX Example: 14-Lead SOIC (150 mil) (MCP6549) OR MCP6549ISL 1148256 MCP6549 1148256 E/SL^^3 e 14-Lead TSSOP (MCP6549) Example: MCP6549I 1148 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |