| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6546RT Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 44 page ![]() MCP6546/6R/6U/7/8/9 DS21714G-page 20 © 2002-2012 Microchip Technology Inc. Package Marking Information (Continued) 8-Lead MSOP (MCP6546, MCP6547, MCP6548)Example: 6546I 148256 14-Lead PDIP (300 mil) (MCP6549) Example: OR OR MCP6549-I/P 1148256 1148256 1148256 MCP6549-E/P 3 e I/P^^3 e MCP6549 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |