| Moteur de recherche de fiches techniques de composants électroniques |
|
HT66F20 Fiches technique(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F20 Fiches technique(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 298 page ![]() Rev. 1.90 16 �e���a�� 18� �01� Rev. 1.90 17 �e���a�� 18� �01� HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Enhanced A/D Flash Type 8-Bit MCU with EEPROM HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Enhanced A/D Flash Type 8-Bit MCU with EEPROM HT 66F 60 48 LQ FP -A /Q FN -A 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 37 38 39 40 41 42 43 44 45 46 47 48 NC PB5 /S CS /V RE F PA 7/ SC K/ SC L/ AN 7 PA 6/ SD I/S DA /A N6 PA 5/ C1 X/ SD O/ AN 5 PA4 /IN T1 /T CK 1/ AN 4 PA 3/ IN T0 /C 0- /A N3 PA 2/ TC K0 /C 0+ /A N2 PA1 /T P1 A/ AN 1 PA0 /C 0X /T P0 _0 /A N0 NC PF 1/ [ C1 X] /A N1 1 PD 3/ [ TC K1 ]/ TP 3_0/ [ SD O] /[ SC K/ SC L] PD 4/ [ TP 2_1] PD 5/ [ TP 0_1] PE 0/ [IN T0 ] PE 1/ [IN T1 ] PE 2/ [IN T2 ] PE 3/ [ TP 3_1] PC 6/ [ TP 0_0] /S CO M2 PC 7/ [ TP 1A ]/ SC OM 3 NC PC 0/ TP 1B _0 /S CO M0 PC 1/ TP 1B _1 /S CO M1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 34 35 36 37 38 39 48 49 50 51 52 23 24 25 26 27 28 29 30 31 32 33 40 41 42 43 44 45 46 47 PF 3 PF 2 PB 5/ SC S/ VR EF PA7 /S CK /S CL /A N7 PA6 /S D I/S DA /A N6 PA5 /C 1X /S DO /A N5 PA4 /IN T1 /T CK 1/ AN 4 PA3 /I NT 0/ C0 -/ AN 3 PA2 /T CK 0/ C0 +/ AN 2 PA1 /T P1 A/ AN 1 PA 0/ C0 X/ TP 0_0/ AN 0 PF 1/ [ C1 X] /A N1 1 PF 0/ [ C0 X] /A N1 0 PD 3/ [ TC K1 ]/ TP 3_0/ [ SD O] /[ SC K/ SC L ] PD 4/ [ TP 2_1] PD 5/ [ TP 0_1] PE0 /[IN T0 ] PE1 /[IN T1 ] PE2 /[IN T2 ] PE3 /[ TP 3_1] PF 6 PF 7 PG 0/ [ C0 X] PG 1/ [ C1 X] PC 6/ [ TP 0_0] /S CO M2 PC 7/ [ TP 1A ]/ SC OM 3 HT 66F 60 52 QF P- A HT 66 F6 0 40 Q FN -A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 PB 5/ SC S/ VR EF PA 7/ SC K/ SC L/ AN 7 PA6 /S DI /S DA /A N6 PA 5/ C1 X/ SD O/ AN 5 PA4 /IN T1 /T CK 1/ AN 4 PA3 /IN T0 /C 0- /A N3 PA2 /T CK 0/ C0 +/ AN 2 PA 1/ TP 1A /A N1 PA 0/ C0 X/ TP 0_0/ AN 0 PF 1/ [ C1 X] /A N1 1 PD 2/ [ TC K0 ]/[ SD I/ SD A] PD 3/ [ TC K1 ]/T P3 _0 /[ SD O] /[ SC K/ SC L] PD 4/ [ TP 2_1] PD 5/ [ TP 0_1] PC 6/ [ TP 0_0] /S CO M2 PC 7/ [ TP 1A ]/ SC OM 3 PC 0/ TP 1B _0 /S CO M0 PC 1/ TP 1B _1 /S CO M1 PE4 /[ TP 1B _2 ] PE5 /[ TP 3_0] HT 66 F6 0 44 L QF P- A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 PB 5/ SC S/ VR EF PA7 /S CK /S CL /A N7 PA 6/ SD I/S DA /A N6 PA 5/ C1 X/ SD O/ AN 5 PA4 /IN T1 /T CK 1/ AN 4 PA3 /IN T0 /C 0- /A N3 PA 2/ TC K0 /C 0+ /A N2 PA 1/ TP 1A /A N1 PA 0/ C0 X/ TP 0_0/ AN 0 PF 1/ [ C1 X] /A N1 1 PF 0/ [ C0 X] /A N1 0 PD 3/ [ TC K1 ]/ TP 3_0/ [ SD O] /[ SC K/ SC L] PD 4/ [ TP 2_1] PD 5/ [ TP 0_1] PE0 /[IN T0 ] PE1 /[IN T1 ] PE2 /[IN T2 ] PE3 /[ TP 3_1] PC 6/ [ TP 0_0] /S CO M2 PC 7/ [ TP 1A ]/ SC OM 3 PC 0/ TP 1B _0 /S CO M0 PC 1/ TP 1B _1 /S CO M1 PC 2/ TC K2 /P CK /C 1+ PC 3/ PI NT /T P2 _0 /C 1- PC 4/ IN T2 /[IN T0 ]/[ PI NT ]/T CK 3/ TP 2_ 1 PC 5/ IN T3 /[IN T1 ]/T P0 _1/ TP 1B _2 /[ PC K] PD 0/ [ TC K2 ]/ TP 3_1/ [ SC S] PD 1/ [ TP 2_0] /[ SD O] /[ SC K/ SC L] PD 2/ [ TC K0 ]/[ SD I/ SD A] PD 3/ [ TC K1 ]/ TP 3_0/ [ SD O] /[ SC K/ SC L] PD 4/ [ TP 2_1] PD 5/ [ TP 0_1] PE 0/ [IN T0 ] PE 1/ [IN T1 ] PE 2/ [IN T2 ] PE 3/ [ TP 3_1] PG 1/ [ C1 X] PC 6/ [ TP 0_0] /S CO M2 PC 7/ [ TP 1A ]/ SC OM 3 PC 0/ TP 1B _0 /S CO M0 PC 1/ TP 1B _1 /S CO M1 PE 4/ [ TP 1B _2 ] PE 5/ [ TP 3_0] PB 0/ RE S VD D &AV DD PB 1/ OS C1 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 HT 66 F6 0 48 S SO P- A NC NC PD 7/ [ SC S] PD 6/ [ SC K/ SC L] PB7 /[ SD I/ SD A] PB6 /[ SD O] PF 2 PB5 /S CS /V RE F PA 7/ SC K/ SC L/ AN 7 PA 6/ SD I/ SD A/ AN 6 PA 5/ C1 X/ SD O/ AN 5 PA4 /IN T1 /T CK 1/ AN 4 PA 3/ IN T0 /C 0- /A N3 PA 2/ TC K0 /C 0+ /A N2 PA1 /T P1 A/ AN 1 PA0 /C 0X /T P0 _0 /A N0 PF 1/ [ C1 X] /A N1 1 PF 0/ [ C0 X] /A N1 0 PE7 /[IN T1 ]/ AN 9 PE6 /[IN T0 ]/ AN 8 VSS&AVSS PB4 /X T2 PB3 /X T1 PB2 /O SC 2 Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations. 2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe "/"signcanbeusedforhigherpriority. 3.VDD&AVDDmeanstheVDDandAVDDarethedoublebonding. |