Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45F4M Fiches technique(PDF) 79 Page - Holtek Semiconductor Inc

No de pièce HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Fiches technique(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
Rev. 1.10
78
�an�a�� 1�� �01�
Rev. 1.10
79
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Co�nte� Val�e
0x�FF
CCRP
CCRA
T1ON
T1PAU
T1POL
CCRP Int.
Flag T1PF
CCRA Int.
Flag T1AF
TM O/P Pin
Time
CCRA=0
CCRA = 0
Co�nte� ove�flow
CCRA > 0 Co�nte� clea�ed b� CCRA val�e
Pa�se
Res�me
Stop
Co�nte� Resta�t
T1CCLR = 1; T1M [1:0] = 00
O�tp�t pin set to
initial Level Low
if T1OC=0
O�tp�t Toggle with
T1AF flag
Note T1IO [1:0] = 10
Active High O�tp�t select
He�e T1IO [1:0] = 11
Toggle O�tp�t select
O�tp�t not affected b�
T1AF flag. Remains High
�ntil �eset b� T1ON bit
O�tp�t Pin
Reset to Initial val�e
O�tp�t cont�olled b�
othe� pin-sha�ed f�nction
O�tp�t Inve�ts
when T1POL is high
T1PF not
gene�ated
No T1AF flag
gene�ated on
CCRA ove�flow
O�tp�t does
not change
Compare Match Output Mode – T1CCLR=1
Note:1.WithT1CCLR=1–AComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheT1AFflag
3.TheoutputpinisresettoitsinitialstatebyaT1ONbitrisingedge
4.AT1PFflagisnotgeneratedwhenT1CCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More