| Moteur de recherche de fiches techniques de composants électroniques |
|
CK45-R3AD101K-NRA Fiches technique(PDF) 1 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
CK45-R3AD101K-NRA Fiches technique(HTML) 1 Page - TDK Electronics |
|
1 / 4 page ![]() • All specifications are subject to change without notice. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. Issue date: July 2011 Mid-high Voltage Ceramic Capacitors CK45-RR series Disk type with lead Low dissipation at high frequency General use |
Numéro de pièce similaire - CK45-R3AD101K-NRA |
|
Description similaire - CK45-R3AD101K-NRA |