Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPM5030T-R75M Fiches technique(PDF) 25 Page - TDK Electronics

No de pièce SPM5030T-R75M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030T-R75M Fiches technique(HTML) 25 Page - TDK Electronics

Back Button SPM5030T-R75M Datasheet HTML 17Page - TDK Electronics SPM5030T-R75M Datasheet HTML 18Page - TDK Electronics SPM5030T-R75M Datasheet HTML 19Page - TDK Electronics SPM5030T-R75M Datasheet HTML 20Page - TDK Electronics SPM5030T-R75M Datasheet HTML 21Page - TDK Electronics SPM5030T-R75M Datasheet HTML 22Page - TDK Electronics SPM5030T-R75M Datasheet HTML 23Page - TDK Electronics SPM5030T-R75M Datasheet HTML 24Page - TDK Electronics SPM5030T-R75M Datasheet HTML 25Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
(24/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series
Packaging Style
REEL DIMENSIONS
* These values are typical values.
TAPE DIMENSIONS
Type
A
B
C
D
E
SPM3012
ø180
11.9
ø60
9.5
1.2
SPM4012
ø180
14.4
ø60
12.4
1.0
SPM5012
ø180
14.4
ø60
12.4
1.0
SPM5030
ø180
14.4
ø60
12.4
1.0
SPM6530
ø330
20.4
ø100
16.4
2.0
E
ø13.0
±0.5
ø21.0
±0.8
B
2.0
±0.5
A
Dimensions in mm
(1.0)
D
P0
P2
øD0
P1
A0
t
K
Dimensions in mm
Type
A0
B0
øD0
E
F
P0
P1
P2
W
K
t
SPM3012
3.2
3.4
1.5+0.1/-0
1.75±0.1 3.50±0.1 4.0±0.05
4.0±0.05
2.0±0.1
8.0±0.1
1.35
0.25
SPM4012
4.35
4.65
1.5+0.1/-0
1.75±0.1
5.5±0.1
4.0±0.1
8.00±0.1
2.0±0.1 12.0±0.2 1.35
0.3
SPM5012
5.4
5.7
1.5+0.1/-0
1.75±0.1
5.5±0.1
4.0±0.1
8.00±0.1
2.0±0.1 12.0±0.2 3.3
1.5
SPM5030
5.3
5.5
1.5+0.1/-0
1.75±0.1
5.5±0.1
4.0±0.1
8.00±0.1
2.0±0.1 12.0±0.2 3.3
0.4
SPM6530
7.4
7.6
1.5+0.1/-0
1.75±0.1
7.5±0.1
4.0±0.1
12.0±0.1
2.0±0.1 16.0±0.3 3.6
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25