| Moteur de recherche de fiches techniques de composants électroniques |
|
SPM5030T-R20M Fiches technique(PDF) 25 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
SPM5030T-R20M Fiches technique(HTML) 25 Page - TDK Electronics |
|
25 / 25 page ![]() (24/24) INDUC T O RS 001-01 / 20130527 / e531_spm.fm • All specifications are subject to change without notice. SPM series Packaging Style REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A B C D E SPM3012 ø180 11.9 ø60 9.5 1.2 SPM4012 ø180 14.4 ø60 12.4 1.0 SPM5012 ø180 14.4 ø60 12.4 1.0 SPM5030 ø180 14.4 ø60 12.4 1.0 SPM6530 ø330 20.4 ø100 16.4 2.0 E ø13.0 ±0.5 ø21.0 ±0.8 B 2.0 ±0.5 A Dimensions in mm (1.0) D P0 P2 øD0 P1 A0 t K Dimensions in mm Type A0 B0 øD0 E F P0 P1 P2 W K t SPM3012 3.2 3.4 1.5+0.1/-0 1.75±0.1 3.50±0.1 4.0±0.05 4.0±0.05 2.0±0.1 8.0±0.1 1.35 0.25 SPM4012 4.35 4.65 1.5+0.1/-0 1.75±0.1 5.5±0.1 4.0±0.1 8.00±0.1 2.0±0.1 12.0±0.2 1.35 0.3 SPM5012 5.4 5.7 1.5+0.1/-0 1.75±0.1 5.5±0.1 4.0±0.1 8.00±0.1 2.0±0.1 12.0±0.2 3.3 1.5 SPM5030 5.3 5.5 1.5+0.1/-0 1.75±0.1 5.5±0.1 4.0±0.1 8.00±0.1 2.0±0.1 12.0±0.2 3.3 0.4 SPM6530 7.4 7.6 1.5+0.1/-0 1.75±0.1 7.5±0.1 4.0±0.1 12.0±0.1 2.0±0.1 16.0±0.3 3.6 0.4 |