Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68000PM/AD Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce M68000PM/AD
Description  Superscalar 32-Bit Microprocessors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOTOROLA
MC68060 PRODUCT INFORMATION
3
The following is a list of primary featuresof the MC68060:
• Fully User-Code Compatible with MC68040
• Superscalar Implementation of M68000 Architecture
— Dual Integer Instruction Execution Improves Performance
• Branch Cache Reduces Branches to Zero Cycles
• Executes Three Instructions per Clock
• Dual 8-Kbyte On-Chip Caches
— Separate Data and Instruction Caches
— Simultaneous Access
— Data Cache is Four-Way Banked to Allow Read and Write Access on Each Clock
• Bus Snooping
• Independent Instruction and Data Paged MMUs (MC68060 and MC68LC060 Only)
• Full 32-Bit Nonmultiplexed Address and Data Bus
— Optimized to Achieve Very High Performance Using 32-Bit Memory System
— Can Operate Bus at 1/2-or 1/4-Speed of Internal Clock
— 32-Bit Bus Maximizes Data Throughput
— Nonmultiplexed Bus Simplifies Design
— Four-Deep Store Buffer and One-Deep Push Buffer to Maximize Write Bandwidth
— MC68040-Compatible Bus Provides Simple Hardware Migration Path
• Power Management
— Automatic Power-Down of Unused Blocks of Logic on a Clock-by-Clock Basis
— Low-Voltage Operation at 3.3 V, with 3.3-V and 5-V I/O Capability
— LPSTOP Mode Provides an Idle State for Lowest Standby Current
— Static CMOS Technology Reduces Power in Normal Operation
• IEEE-Compatible On-Chip FPU (MC68060 Only)
• Available in 40-MHz (MC68EC060 only), 50-MHz, and 66-MHz Speeds
• Packaging
— Ceramic Pin Grid Array (PGA)
— Ceramic Quad Flat Pack (CQFP) (THIS PACKAGE NOT AVAILABLE 3/25/98)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10