| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC823 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC823 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 70 page ![]() Order this document by MPC823ELE/D Revision 1 MPC823 AC Electrical Specifications This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823. This device contains circuitry protecting against damage from high-static voltage or electrical fields. However, it is advised that precautions be taken to avoid application of any voltages higher than the maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (either GND or VCC). Note: Visit our website at www.motorola.com if you are using a frequency other than 25, 40, or 50MHz. Our website contains a spreadsheet that you can use to calculate the timing for your specific system frequency. Freescale Semiconductor © Freescale Semiconductor, Inc., 2004. All rights reserved. |
Numéro de pièce similaire - MPC823 |
|
Description similaire - MPC823 |