Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103C8T7 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM32F103C8T7
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T7 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM32F103C8T7 Datasheet HTML 27Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 28Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 29Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 30Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 31Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 32Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 33Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 34Page - STMicroelectronics STM32F103C8T7 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
STM32F103x8, STM32F103xB
Pinouts and pin description
Doc ID 13587 Rev 15
31/105
D9 D11
29
D7
41
67
20
PA8
I/O FT
PA8
USART1_CK/
TIM1_CH1(9)/
MCO
C9 D10
30
C7
42
68
21
PA9
I/O FT
PA9
USART1_TX(9)/
TIM1_CH2(9)
D10 C12
31
C6
43
69
22
PA10
I/O FT
PA10
USART1_RX(9)/
TIM1_CH3(9)
C10 B12
32
C8
44
70
23
PA11
I/O FT
PA11
USART1_CTS/
CANRX(9)/
USBDM/
TIM1_CH4(9)
B10 A12
33
B8
45
71
24
PA12
I/O FT
PA12
USART1_RTS/
CANTX(9)
/USBDP
TIM1_ETR(9)
A10 A11
34
A8
46
72
25
PA13
I/O FT JTMS/SWDIO
PA13
F8 C11
-
-
-
73
-
Not connected
E6 F11
35
D5
47
74
26
VSS_2
SVSS_2
F6 G11 36
E5
48
75
27
VDD_2
SVDD_2
A9 A10
37
A7
49
76
28
PA14
I/O FT JTCK/SWCLK
PA14
A8
A9
38
A6
50
77
29
PA15
I/O FT
JTDI
TIM2_CH1_
ETR/ PA15
/SPI1_NSS
B9 B11
-
B7
51
78
PC10
I/O FT
PC10
USART3_TX
B8 C10
-
B6
52
79
PC11
I/O FT
PC11
USART3_RX
C8 B10
-
C5
53
80
PC12
I/O FT
PC12
USART3_CK
-
C9
-
C1
-
81
2
PD0
I/O FT
PD0
CANRX
-
B9
-
D1
-
82
3
PD1
I/O FT
PD1
CANTX
B7
C8
B5
54
83
-
PD2
I/O FT
PD2
TIM3_ETR
C7
B8
-
-
-
84
-
PD3
I/O FT
PD3
USART2_CTS
D7
B7
-
-
-
85
-
PD4
I/O FT
PD4
USART2_RTS
B6
A6
-
-
-
86
-
PD5
I/O FT
PD5
USART2_TX
C6
B6
-
-
-
87
-
PD6
I/O FT
PD6
USART2_RX
D6
A5
-
-
-
88
-
PD7
I/O FT
PD7
USART2_CK
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More