| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C01-W Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-W Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 38 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters Doc ID 5067 Rev 17 23/38 Figure 11. AC measurement I/O waveform Table 12. DC characteristics (M24Cxx-F) Symbol Parameter Test condition (in addition to those in Table 8) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode - ± 2 µA ILO Output leakage current VOUT = VSS or VCC, SDA in Hi-Z - ± 2 µA ICC Supply current VCC = 1.7 V, fc= 400 kHz (rise/fall time < 50 ns) -0.8 mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, VCC = 1.7 V -1 µA VIL Input low voltage (SDA, SCL, WC) 2.5 V ≤ VCC –0.45 0.3 VCC V 1.7 V ≤ VCC < 2.5 V –0.45 0.25 VCC V VIH Input high voltage (SDA, SCL, WC)0.7VCC VCC+1 V VOL Output low voltage IOL = 0.7 mA, VCC = 1.7 V - 0.2 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). Table 13. AC measurement conditions Symbol Parameter Min. Max. Unit Cbus Load capacitance 100 pF SCL input rise/fall time, SDA input fall time - 50 ns Input levels 0.2VCC to 0.8VCC V Input and output timing reference levels 0.3VCC to 0.7VCC V AI00825B 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels Table 14. Input parameters Symbol Parameter(1) Test condition Min. Max. Unit CIN Input capacitance (SDA) - 8 pF CIN Input capacitance (other pins) - 6 pF ZWCL WC input impedance VIN < 0.3 V 15 70 k Ω ZWCH WC input impedance VIN > 0.7VCC 500 - k Ω tNS Pulse width ignored (input filter on SCL and SDA) Single glitch - 100 ns 1. Characterized only. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |