| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8710AI Fiches technique(PDF) 74 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8710AI Fiches technique(HTML) 74 Page - SMSC Corporation |
|
74 / 82 page ![]() Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet Revision 1.4 (08-23-12) 74 SMSC LAN8710A/LAN8710Ai DATASHEET Note 5.17 40ns for 100BASE-TX operation, 400ns for 10BASE-T operation. Note 5.18 Timing was designed for system load between 10 pf and 25 pf. Figure 5.5 MII Transmit Timing Table 5.9 MII Transmit Timing Values SYMBOL DESCRIPTION MIN MAX UNITS NOTES tclkp TXCLK period Note 5.17 ns tclkh TXCLK high time tclkp*0.4 tclkp*0.6 ns tclkl TXCLK low time tclkp*0.4 tclkp*0.6 ns tsu TXD[3:0], TXEN setup time to rising edge of TXCLK 12.0 ns Note 5.18 thold TXD[3:0], TXEN hold time after rising edge of TXCLK 0ns Note 5.18 TXCLK tsu TXD[3:0] TXEN tclkh tclkl tclkp thold tsu thold thold tsu thold |