Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SW63-4G Fiches technique(PDF) 72 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce SW63-4G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Fiches technique(HTML) 72 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
72
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-3 Heat Sinks
ORDERING INFORMATION
5001, 5002, 5003, 5004 Square basket heat sink featuring slanted fins
Square basket heat sink featuring
a slanted fin design for increased
air turbulence and four integrated
mounting holes. Four heights to
choose from.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
500203
500103
Part Number
“A” Dim
500103B00000G
12.70 (0.500)
500203B00000G
19.05 (0.750)
500303B00000G
25.40 (1.000)
500403B00000G
31.75 (1.250)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
500403
500303
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
505303
505403
505103
Square basket heat sink
features straight fins and
0.090 thick aluminum for
increased cooling capacity.
Three heights to choose from.
5051, 5053, 5054
Square basket heat sink featuring straight fins
Material: 2.29 (0.090) Thick Aluminum
Finish: Black Anodize
Material: 2.29 (0.090) Thick Aluminum
Finish: Black Anodize
Position
Code
Description
Details
A
1
Kon-DuxTM pad Page 86
A
3
In-Sil-8TM pad
Page 86
POPULAR OPTIONS:
Base part no.
500_03B 0 0000G
For additional options see page 84
ORDERING INFORMATION
Part Number
“A” Dim
505103B00000G
12.70 (0.500)
505303B00000G
25.40 (1.000)
505403B00000G
31.75 (1.250)
Position
Code
Description
Location
Details
A
01
6-23 Wave-OnTM threaded insert 0.100 stand off
Hole X
Page 89
For additional options see page 84
TYP 2
(0.218)
5.54
(0.072)
1.83
(1.187)
30.15
(0.215)
5.46
(0.593)
15.06
(1.780)
45.21
(0.430)
10.92
TYP 2
(0.188)
4.78
1
CL
CL2
ø
ø
"X"
"X"
"A"
POPULAR OPTIONS:
Base part no.
A
505_03B0 00 00G
A
TYP 2
5.54
(0.218)
THRU TYP 4
ø 3.81
(0.150)
15.06
(0.593)
10.92
(0.430)
30.15
(1.187)
TYP 2
ø 4.78
(0.188)
5.46
(0.215)
1.83
(0.072)
38.10
(1.500)
SQ.
45.97
(1.810)
CL 1
L 2
C
"A"
ø
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More