Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SW63-2G Fiches technique(PDF) 71 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Fiches technique(HTML) 71 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
71
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-3 Heat Sinks
ORDERING INFORMATION
5197, 5198, 5199, 5201 Heavy gauge square basket heat sink
Heavy gauge square basket
heat sink provides excellent
performance by using 1/8 thick
aluminum to maximize efficiency.
Available in 4 heights.
10.41
(0.410)
12.24
(0.482)
39.37
(1.550)
32.02
(1.300)
@ BASE
48.26
(1.900)
TYP 2
5.54
(0.218)
TYP 2
4.75
(0.187)
1
2
ø
ø
30.15
(1.187)
15.09
(0.594)
1.83
(0.072)
10.92
(0.430)
5.46
(0.215)
CL
CL
"A"
"X"
"X"
Part Number
“A” Dim
519703B00000G
38.10 (1.500)
519803B00000G
44.45 (1.750)
519903B00000G
50.80 (2.000)
520103B00000G
31.12 (1.225)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
5
10
15
20
25
4
3
1
2
0
0
400
200
600
800
1000
520103
519903
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
579003
569003
Square basket heat sink
features folded back fins
to increase surface area
and power dissipation.
Two heights are available.
5690, 5790
Square basket heat sink features folded back fins
Material: 3.17 (0.125) Thick Aluminum
Finish: Black Anodize
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
Position
Code
Description
Location
Details
A
1
Kon-DuxTM pad
Page 86
B
01
6-32 Wave-OnTM theaded insert 0.100 stand off
Hole X
Page 89
POPULAR OPTIONS:
Base part no.
A
5_ _ _03B 0 00 00G
For additional options see page 84
ORDERING INFORMATION
Part Number
“A” Dim
569003B00000G
33.27 (1.310)
579003B00000G
25.40 (1.000)
Position
Code
Description
Details
A
1
Kon-DuxTM pad
Page 86
A
3
In-Sil-8TM pad
Page 86
POPULAR OPTIONS:
For additional options see page 84
1.78
(0.070)
15.11
(0.595)
30.23
(1.190)
5.46
(0.215)
10.92
(0.430)
REF
27.69
(1.090)
THRU
TYP 8
3.66
(0.144)
THRU
TYP 2
5.59
(0.220)
REF
6.35
(0.250)
SQ.
REF
46.48
(1.830)
THRU
TYP 2
4.83
(0.190)
ø
ø
CL
"A"
CL
ø
Base part no.
A
5_9003B 0 0000G
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
519703
519803
B
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More