| Moteur de recherche de fiches techniques de composants électroniques |
|
AISC-0805-R82 Fiches technique(PDF) 1 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AISC-0805-R82 Fiches technique(HTML) 1 Page - Abracon Corporation |
|
1 / 3 page ![]() WIRE WOUND INDUCTOR - CERAMIC or FERRITE ||||||||| | | | | | | AISC-0805(F) STANDARD SPECIFICATIONS: APPLICATIONS: FEATURES: Pb RoHS Compliant PARAMETERS ABRACON P/N: AISC-0805(F)-xxx Operating temperature: -40°C to +125°C Storage temperature: -10°C to +40°C 70% RH max. 30332 Esperanza, Rancho Santa Margarita, California92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Revised:04.15.11 Visit www.abracon.com for Terms & Conditions of Sale • Widely applied in the VCO, SAW circuit for GSM, CDMA communications • Used in hard disk, notebook computer and other electronic equipment • Ceramic or Ferrite Construction assures the utmost in the thermal stablity and high SRF • Exceptionally high Q compared to non-wirewound inductor, especially at high frequencies • Inductance values available from 2.2 nH to 68uH; tight tolerance SRF CERTIFIED ABRACON IS CERTIFIED ABRACON IS ISO9001:2008 CERTIFIED Part Number L(nH) @Test Freq. Tolerance (±%) Q, Min @Test Freq. SRF Min (MHz) RDC Max ( Ω ) IDC Max (mA) AISC-0805-R0022 2.2 @ 250 MHz 10,20 40 @ 1500 MHz >6000 0.1 600 AISC-0805-R0033 3.3 @ 250 MHz 5,10,20 30 @ 1500 MHz >6000 0.08 600 AISC-0805-R0068 6.8 @ 250 MHz 5,10,20 50 @ 1000 MHz 5000 0.11 600 AISC-0805-R0082 8.2 @ 250 MHz 5,10,20 50 @ 1000 MHz 4800 0.19 600 AISC-0805-R012 12 @ 250 MHz 2,5,10,20 50 @ 500 MHz 4100 0.15 600 AISC-0805-R015 15 @ 250 MHz 5,10,20 50 @ 500 MHz 2900 0.17 600 AISC-0805-R018 18 @ 250 MHz 2,5,10,20 50 @ 500 MHz 3300 0.2 600 AISC-0805-R022 22 @ 250 MHz 2,5,10,20 55 @ 500 MHz 2600 0.22 500 AISC-0805-R027 27 @ 250 MHz 2,5,10,20 60 @ 500 MHz 2500 0.25 500 AISC-0805-R033 33 @ 250 MHz 2,5,10,20 60 @ 500MHz 2200 0.27 500 AISC-0805-R039 39 @ 250 MHz 2,5,10,20 60 @ 500MHz 2100 0.29 500 AISC-0805-R047 47 @ 200 MHz 2,5,10,20 60 @ 500MHz 1750 0.31 500 AISC-0805-R056 56 @ 200 MHz 2,5,10,20 60 @ 500MHz 1650 0.32 500 AISC-0805-R068 68 @ 200 MHz 2,5,10,20 60 @ 500MHz 1500 0.38 500 AISC-0805-R082 82 @ 150 MHz 2,5,10,20 60 @ 500MHz 1400 0.42 400 AISC-0805-R10 100 @ 150 MHz 2,5,10,20 60 @ 500MHz 1200 0.46 400 AISC-0805-R12 120 @ 150 MHz 2,5,10,20 50 @ 250 MHz 1200 0.51 400 AISC-0805-R15 150 @ 100 MHz 2,5,10,20 50 @ 250 MHz 1000 0.56 400 AISC-0805-R18 180 @ 100 MHz 2,5,10,20 50 @ 250 MHz 950 0.64 400 AISC-0805-R22 220 @ 100 MHz 2,5,10,20 45 @ 250 MHz 850 0.7 400 AISC-0805-R27 270 @ 100 MHz 2,5,10,20 40 @ 250 MHz 680 1 350 AISC-0805-R33 330 @ 100 MHz 2,5,10,20 40 @ 250 MHz 660 1.4 310 AISC-0805-R39 390 @ 100 MHz 2,5,10,20 35 @ 250 MHz 560 1.5 290 AISC-0805-R47 470 @ 50 MHz 5,10,20 33 @ 100 MHz 430 1.72 250 AISC-0805-R56 560 @ 25 MHz 5,10,20 23 @ 50 MHz 350 1.9 230 AISC-0805-R56 620 @ 25 MHz 5,10,20 23 @ 50 MHz 280 1.95 200 AISC-0805-R68 680 @ 25 MHz 5,10,20 23 @ 50 MHz 300 2.05 190 AISC-0805-R75 750 @ 25 MHz 5,10,20 23 @ 50 MHz 280 2.1 180 AISC-0805-R82 820 @ 25 MHz 5,10,20 23 @ 50 MHz 250 2.3 180 AISC-0805-R91 910 @ 25 MHz 5,10,20 22 @ 50 MHz 230 2.4 160 AISC-0805-1R0 1000 @ 25 MHz 5,10,20 20 @ 50 MHz 200 2.5 150 AISC-0805F-R027 270@25MHz 5,10,20 15@25MHz 550 0.91 350 AISC-0805F-R047 470@100MHz 5,10,20 8@100MHz 500 0.72 300 AISC-0805F-R056 560@25MHz 5,10,20 15@25MHz 360 0.6 145 AISC-0805F-1R0 1000@7.9MHz 5,10,20 15@7.9MHz 63 1.20 245 AISC-0805F-1R5 1500@7.9MHz 5,10,20 15@7.9MHz 60 1.45 225 AISC-0805F-1R8 1800@7.9MHz 5,10,20 15@7.9MHz 60 1.45 200 AISC-0805F-2R2 2200@7.9MHz 5,10,20 10@50MHz 200 2.50 100 AISC-0805F-3R3 3300@7.9MHz 5,10,20 15@7.9MHz 50 2.30 175 AISC-0805F-3R9 3900@7.9MHz 5,10,20 10@7.9MHz 50 2.50 80 AISC-0805F-4R7 4700@7.9MHz 5,10,20 15@7.9MHz 43 2.80 140 AISC-0805F-6R8 6800@7.9MHz 5,10,20 15@7.9MHz 36 3.40 115 AISC-0805F-8R2 8200@7.9MHz 5,10,20 10@2.5MHz 35 4.50 100 AISC-0805F-100 10000@2.5MHz 5,10,20 10@2.5MHz 30 4.70 98 AISC-0805F-150 15000@2.5MHz 5,10,20 10@2.5MHz 23 6.50 80 AISC-0805F-220 22000@2.5MHz 5,10,20 10@2.5MHz 20 8.00 68 AISC-0805F-330 33000@2.5MHz 5,10,20 10@2.5MHz 17 10.7 60 AISC-0805F-470 47000@2.5MHz 5,10,20 10@2.5MHz 14 13.8 55 AISC-0805F-680 68000@2.5MHz 5,10,20 8@2.5MHz 11 17.5 40 2.29 x 1.27 x 1.55mm Definition of Rated Current (Ir): Ir is direct electric current as chip surface temperature increases 20 °C against chip initial surface temperature (Ta). |
Numéro de pièce similaire - AISC-0805-R82 |
|
Description similaire - AISC-0805-R82 |