Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1817-R22AKS-RL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM1817-R22AKS-RL7
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1817-R22AKS-RL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM1817-R22AKS-RL7 Datasheet HTML 4Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 5Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 6Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 7Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 8Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 9Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 10Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 11Page - Analog Devices ADM1817-R22AKS-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 8 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
3.04
2.80
1.40
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.55
REF
Figure 15. 3-Lead Small Outline Transistor Package [SOT-23]
(RT-3)
Dimensions shown in millimeters
ALL DIMENSIONS COMPLIANT WITH EIAJ SC70
0.40
0.25
0.10 MAX
1.00
0.80
SEATING
PLANE
1.10
0.80
0.40
0.10
0.26
0.10
0.30
0.20
0.10
2
1
3
PIN 1
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 COPLANARITY
Figure 16. 3-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16