| Moteur de recherche de fiches techniques de composants électroniques |
|
RE46C145SW16TF Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C145SW16TF Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 26 page ![]() RE46C145 DS22181C-page 2 2009-2012 Microchip Technology Inc. Functional Block Diagram Typical Application Logic and Timing Bias and Power Reset Oscillator + - + - VDD (5) VSEN (15) C1 (1) DETECT (3) C2 (2) TEST (16) IO (7) FEED (10) HS (9) LED (11) IRED (6) ROSC (13) COSC (12) HB (8) + - PHOTOAMP STROBE (4) VSS (14) V DD-3.5V V DD-5V Low Battery Smoke Comparator Horn Driver Push-to-Test C3 1μF C5 1.5nF R12 10M R9 100k R13 330 D3 C6 1.0nF R10 1.5M R11 220k R8 100 R7 22 C4 100 μF D5 D6 R4 560 C2 4700 pF C1 .047 μF R1 4.7k R2 5k R3 8.2k RADJ2 RADJ1 R6 1k 1 2 3 4 5 14 6 7 89 10 11 12 13 15 16 R5 250k To Other Units Q3 9V Battery Smoke Chamber Note 1: C3 should be located as close as possible to the device power pins. 2: C3 is typical for an alkaline battery. This capacitance should be increased to 4.7 µF or greater for a carbon battery. 3: R10, R11 and C6 are typical values and may be adjusted to maximize sound pressure. |