Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F882 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce PIC16F882
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button PIC16F882_12 Datasheet HTML 53Page - Microchip Technology PIC16F882_12 Datasheet HTML 54Page - Microchip Technology PIC16F882_12 Datasheet HTML 55Page - Microchip Technology PIC16F882_12 Datasheet HTML 56Page - Microchip Technology PIC16F882_12 Datasheet HTML 57Page - Microchip Technology PIC16F882_12 Datasheet HTML 58Page - Microchip Technology PIC16F882_12 Datasheet HTML 59Page - Microchip Technology PIC16F882_12 Datasheet HTML 60Page - Microchip Technology PIC16F882_12 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 57
PIC16F882/883/884/886/887
3.5.4
RC3/SCK/SCL
Figure 3-14 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a SPI clock
•an I2C™ clock
FIGURE 3-14:
BLOCK DIAGRAM OF RC3
3.5.5
RC4/SDI/SDA
Figure 3-15 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a SPI data I/O
•an I2C data I/O
FIGURE 3-15:
BLOCK DIAGRAM OF RC4
3.5.6
RC5/SDO
Figure 3-16 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a serial data output
FIGURE 3-16:
BLOCK DIAGRAM OF RC5
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTC
WR
PORTC
WR
TRISC
RD
TRISC
To SSPSR
SSPEN
0
1
1
0
SCK
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTC
WR
PORTC
WR
TRISC
RD
TRISC
To SSPSR
SSPEN
0
1
1
0
SDI/SDA
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTC
WR
PORTC
WR
TRISC
RD
TRISC
Port/SDO
0
1
1
0
SDO
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More