| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7753ARSZRL Fiches technique(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7753ARSZRL Fiches technique(HTML) 38 Page - Analog Devices |
|
38 / 60 page ![]() ADE7753 Rev. C | Page 38 of 60 ENERGIES SCALING The ADE7753 provides measurements of active, reactive, and apparent energies. These measurements do not have the same scaling and thus cannot be compared directly to each other. Table 10. Energies Scaling PF = 1 PF = 0.707 PF = 0 Integrator On at 50 Hz Active Wh Wh × 0.707 0 Reactive 0 Wh × 0.508 Wh × 0.719 Apparent Wh × 0.848 Wh × 0.848 Wh × 0.848 Integrator Off at 50 Hz Active Wh Wh × 0.707 0 Reactive 0 Wh × 0.245 Wh × 0.347 Apparent Wh × 0.848 Wh × 0.848 Wh × 0.848 Integrator On at 60 Hz Active Wh Wh × 0.707 0 Reactive 0 Wh × 0.610 Wh × 0.863 Apparent Wh × 0.827 Wh × 0.827 Wh × 0.827 Integrator Off at 60 Hz Active Wh Wh × 0.707 0 Reactive 0 Wh × 0.204 Wh × 0.289 Apparent Wh × 0.827 Wh × 0.827 Wh × 0.827 CALIBRATING AN ENERGY METER BASED ON THE ADE7753 The ADE7753 provides gain and offset compensation for active and apparent energy calibration. Its phase compensation corrects phase error in active, apparent and reactive energy. If a shunt is used, offset and phase calibration may not be required. A reference meter or an accurate source can be used to calibrate the ADE7753. When using a reference meter, the ADE7753 calibration output frequency, CF, is adjusted to match the frequency output of the reference meter. A pulse output is only provided for the active energy measurement in the ADE7753. If it is desired to use a reference meter for calibrating the VA and VAR, then additional code would have to be written in a microprocessor to produce a pulsed output for these quantities. Otherwise, VA and VAR calibration require an accurate source. The ADE7753 provides a line cycle accumulation mode for calibration using an accurate source. In this method, the active energy accumulation rate is adjusted to produce a desired CF frequency. The benefit of using this mode is that the effect of the ripple noise in the active energy is eliminated. Up to 65535 half line cycles can be accumulated, thus providing a stable energy value to average. The accumulation time is calculated from the line cycle period, measured by the ADE7753 in the PERIOD register, and the number of half line cycles in the accumulation, fixed by the LINECYC register. Current and voltage rms offset calibration removes any apparent energy offset. A gain calibration is also provided for apparent energy. Figure 79 shows an optimized calibration flow for active energy, rms, and apparent energy. Active and apparent energy gain calibrations can take place concurrently, with a read of the accumulated apparent energy register following that of the accumulated active energy register. Figure 78 shows the calibration flow for the active energy portion of the ADE7753. WATT GAIN CALIBRATION WATT OFFSET CALIBRATION PHASE CALIBRATION 02875-A-005 Figure 78. Active Energy Calibration The ADE7753 does not provide means to calibrate reactive energy gain and offset. The reactive energy portion of the ADE7753 can be calibrated externally, through a MCU. WATT/VA GAIN CALIBRATION WATT OFFSET CALIBRATION RMS CALIBRATION PHASE CALIBRATION 02875-A-002 Figure 79. Apparent and Active Energy Calibration |