| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9954/PCBZ1 Fiches technique(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9954/PCBZ1 Fiches technique(HTML) 8 Page - Analog Devices |
|
8 / 40 page ![]() AD9954 Rev. B | Page 8 of 40 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 31 34 DVDD 33 DGND 32 AGND 29 AVDD 30 COMP_IN COMP_IN 35 PWRDWNCTL 36 RESET 28 COMP_OUT 27 AVDD 26 AGND 25 AVDD PIN 1 AD9954 TOP VIEW (Not to Scale) 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 2 DVDD 3 DGND 4 AVDD 7 AGND 6 AVDD 5 AGND 1 I/O UPDATE 8 OSC/REFCLK 9 OSC/REFCLK 10 CRYSTAL OUT 12 LOOP_FILTER 11 CLKMODESELECT Figure 4. Pin Configuration Note that the exposed paddle on the bottom of the package forms an electrical connection for the DAC and must be attached to analog ground. Note that Pin 43, DVDD_I/O, can be powered to 1.8 V or 3.3 V. The DVDD pins (Pin 2 and Pin 34) must be powered to 1.8 V. Table 3. Pin Function Descriptions Pin No. Mnemonic I/O Description 1 I/O UPDATE I The rising edge transfers the contents of the internal buffer memory to the I/O registers. See Synchronization—Register Updates (I/O UPDATE) section for details. 2, 34 DVDD I Digital Power Supply Pins (1.8 V). 3, 33, 42 DGND I Digital Power Ground Pins. 4, 6, 13, 16, 18, 19, 25, 27, 29 AVDD I Analog Power Supply Pins (1.8 V). 5, 7, 14, 15, 17, 22, 26, 32 AGND I Analog Power Ground Pins. 8 OSC/REFCLK I Oscillator Input/Complementary Reference Clock. When the REFCLK port is operated in single-ended mode, REFCLK should be decoupled to AVDD with a 0.1 μF capacitor. 9 OSC/REFCLK I Oscillator Input/Reference Clock. See Table 5 for details on the OSC/REFCLK operation. 10 CRYSTAL OUT O Output of the Oscillator Section. 11 CLKMODESELECT I Control Pin for the Oscillator Section (1.8 V logic only). See REFCLK Input section for detailed instructions. 12 LOOP_FILTER I This pin provides the connection for the external zero compensation network of the REFCLK multiplier’s PLL loop filter. The network varies based on the multiplication value in the PLL loop. See Table 4 for details. 20 IOUT O Complementary DAC Output. Should be biased through a resistor to AVDD, not AGND. 21 IOUT O DAC Output. Should be biased through a resistor to AVDD, not AGND. 23 DACBP I DAC Band Gap Decoupling Pin. A 0.1 μF capacitor to AGND is recommended. 24 DAC_RSET I A resistor (3.92 kΩ nominal) connected from AGND to DAC_RSET establishes the reference current for the DAC. See equation in DAC Output section. 28 COMP_OUT O Comparator Output. 30 COMP_IN I Comparator Input. |