| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9735-EB Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9735-EB Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 72 page ![]() AD9734/AD9735/AD9736 Rev. A | Page 5 of 72 AD9736 AD9735 AD9734 Parameter Min Typ Max Min Typ Max Min Typ Max Unit Static, No Clock IAVDD33 25 25 25 mA ICVDD18 8 8 8 mA IDVDD33 10 10 10 mA IDVDD18 2 2 2 mA FIR Bypass (1×) Mode 133 133 133 mW Sleep Mode, No Clock IAVDD33 2.5 3.15 2.5 3.15 2.5 3.15 mA FIR Bypass (1×) Mode 59 65 59 65 59 65 mW Power-Down Mode3 IAVDD33 0.01 0.13 0.01 0.13 0.01 0.13 mA ICVDD18 0.02 0.12 0.02 0.12 0.02 0.12 mA IDVDD33 0.01 0.12 0.01 0.12 0.01 0.12 mA IDVDD18 0.01 0.11 0.01 0.11 0.01 0.11 mA FIR Bypass (1×) Mode 0.12 1.24 0.12 1.24 0.12 1.24 mW 1 Default band gap adjustment (Reg. 0x0E <2:0> = 0x0). 2 Use an external amplifier to drive any external load. 3 Typical wake-up time is 8 μs with recommended 1 nF capacitor on VREF pin. |