| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9735BBCZ1 Fiches technique(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9735BBCZ1 Fiches technique(HTML) 30 Page - Analog Devices |
|
30 / 72 page ![]() AD9734/AD9735/AD9736 Rev. A | Page 30 of 72 SPI REGISTER DETAILS Reading these registers returns previously written values for all defined register bits, unless otherwise noted. Reset value for write registers in bold text. MODE REGISTER (REG. 0) ADDR Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 MODE SDIO_DIR LSB/MSB RESET LONG_INS 2× MODE FIFO MODE DATAFRMT PD Table 10. Mode Register Bit Descriptions Bit Name Read/Write Description SDIO_DIR WRITE 0, input only per SPI standard. 1, bidirectional per SPI standard. LSB/MSB WRITE 0, MSB first per SPI standard. 1, LSB first per SPI standard. NOTE: Only change LSB/MSB order in single-byte instructions to avoid erratic behavior due to bit order errors. RESET WRITE 0, execute software reset of SPI and controllers, reload default register values except Registers 0x00 and 0x04. 1, set software reset, write 0 on the next (or any following) cycle to release the reset. LONG_INS WRITE 0, short (single-byte) instruction word. 1, long (two-byte) instruction word, not necessary since the maximum internal address is REG31 (0x1F). 2×_MODE WRITE 0, disable 2× interpolation filter. 1, enable 2× interpolation filter. FIFO_MODE WRITE 0, disable FIFO synchronization. 1, enable FIFO synchronization. DATAFRMT WRITE 0, signed input DATA with midscale = 0x0000. 1, unsigned input DATA with midscale = 0x2000. PD WRITE 0, enable LVDS Receiver, DAC, and clock circuitry. 1, power down LVDS Receiver, DAC, and clock circuitry. INTERRUPT REQUEST REGISTER (IRQ) (REG. 1) ADDR Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x01 IRQ LVDS SYNC CROSS RESERVED IE_LVDS IE_SYNC IE_CROSS RESERVED Table 11. Interrupt Register Bit Descriptions Bit Name Read/Write Description LVDS WRITE Don’t care. READ 0, no active LVDS receiver interrupt. 1, interrupt in LVDS receiver occurred. SYNC WRITE Don’t care. READ 0, no active SYNC logic interrupt. 1, interrupt in SYNC logic occurred. CROSS WRITE Don’t care. READ 0, no active CROSS logic interrupt. 1, interrupt in CROSS logic occurred. IE_LVDS WRITE 0, reset LVDS receiver interrupt and disable future LVDS receiver interrupts. 1, enable LVDS receiver interrupt to activate IRQ pin. IE_SYNC WRITE 0, reset SYNC logic interrupt and disable future SYNC logic interrupts. 1, enable SYNC logic interrupt to activate IRQ pin. IE_CROSS WRITE 0, reset CROSS logic interrupt and disable future CROSS logic interrupts. 1, enable CROSS logic interrupt to activate IRQ pin. |