| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC1850 Fiches technique(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Fiches technique(HTML) 45 Page - NXP Semiconductors |
|
45 / 149 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 6.1 — 7 February 2013 45 of 149 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller PD_3 P4 - - - - [2] N; PU - R — Function reserved. O CTOUT_6 — SCT output 7. Match output 2 of timer 1. I/O EMC_D17 — External memory data line 17. - R — Function reserved. I/O GPIO6[17] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PD_4 T2 - - - - [2] N; PU - R — Function reserved. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. I/O EMC_D18 — External memory data line 18. - R — Function reserved. I/O GPIO6[18] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PD_5 P6 - - - - [2] N; PU - R — Function reserved. O CTOUT_9 — SCT output 9. Match output 3 of timer 3. I/O EMC_D19 — External memory data line 19. - R — Function reserved. I/O GPIO6[19] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PD_6 R6 - - 68 - [2] N; PU - R — Function reserved. O CTOUT_10 — SCT output 10. Match output 3 of timer 3. I/O EMC_D20 — External memory data line 20. - R — Function reserved. I/O GPIO6[20] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |