| Moteur de recherche de fiches techniques de composants électroniques |
|
TC7652 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7652 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 18 page ![]() 2001-2012 Microchip Technology Inc. DS21464C-page 13 TC7652 6.2 Package Dimensions 3 ˚MIN. PIN 1 .260 (6.60) .240 (6.10) .045 (1.14) .030 (0.76) .070 (1.78) .040 (1.02) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) .110 (2.79) .090 (2.29) .022 (0.56) .015 (0.38) .040 (1.02) .020 (0.51) .015 (0.38) .008 (0.20) .310 (7.87) .290 (7.37) .400 (10.16) .310 (7.87) 8-Pin Plastic DIP Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging .260 (6.60) .240 (6.10) .770 (19.56) .745 (18.92) .310 (7.87) .290 (7.37) .040 (1.02) .020 (0.51) .070 (1.78) .045 (1.14) .022 (0.56) .015 (0.38) .110 (2.79) .090 (2.29) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) PIN 1 14-Pin PDIP (Narrow) .015 (0.38) .008 (0.20) 3 ˚MIN. .400 (10.16) .310 (7.87) Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |