Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4627 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce TC4627
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button TC4627 Datasheet HTML 8Page - Microchip Technology TC4627 Datasheet HTML 9Page - Microchip Technology TC4627 Datasheet HTML 10Page - Microchip Technology TC4627 Datasheet HTML 11Page - Microchip Technology TC4627 Datasheet HTML 12Page - Microchip Technology TC4627 Datasheet HTML 13Page - Microchip Technology TC4627 Datasheet HTML 14Page - Microchip Technology TC4627 Datasheet HTML 15Page - Microchip Technology TC4627 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC4626/TC4627
DS21426C-page 12
 2001-2012 Microchip Technology Inc.
Package Dimensions (Continued)
8°
MAX.
PIN 1
.299 (7.59)
.291 (7.40)
.413 (10.49)
.398 (10.10)
.019 (0.48)
.014 (0.36)
.012 (0.30)
.004 (0.10)
.104 (2.64)
.097 (2.46)
.013 (0.33)
.009 (0.23)
.050 (1.27)
.016 (0.40)
.419 (10.65)
.398 (10.10)
.050 (1.27) TYP.
16-Pin SOIC (Wide)
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18