| Moteur de recherche de fiches techniques de composants électroniques |
|
TC4426 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC4426 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() TC4426/TC4427/TC4428 DS21422E-page 2 2002-2012 Microchip Technology Inc. Functional Block Diagram Effective Input C = 12 pF (Each Input) TC4426/TC4427/TC4428 Output Input GND VDD 300 mV 4.7V Inverting Non-Inverting Note 1: TC4426 has two inverting drivers, while the TC4427 has two non-inverting drivers. The TC4428 has one inverting and one non-inverting driver. 2: Ground any unused driver input. 1.5 mA |