| Moteur de recherche de fiches techniques de composants électroniques |
|
TC4423VMF Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC4423VMF Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() TC4423/TC4424/TC4425 DS21421E-page 2 2002-2012 Microchip Technology Inc. Functional Block Diagram(1) Effective Input C = 20 pF (Each Input) TC4423 Dual Inverting TC4424 Dual Non-inverting TC4425 One Inverting, One Non-inverting Output Input GND VDD 300 mV 4.7V Inverting Non-inverting Note 1: Unused inputs should be grounded. 750 µA |