Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4423CPA Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC4423CPA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423CPA Fiches technique(HTML) 2 Page - Microchip Technology

  TC4423CPA Datasheet HTML 1Page - Microchip Technology TC4423CPA Datasheet HTML 2Page - Microchip Technology TC4423CPA Datasheet HTML 3Page - Microchip Technology TC4423CPA Datasheet HTML 4Page - Microchip Technology TC4423CPA Datasheet HTML 5Page - Microchip Technology TC4423CPA Datasheet HTML 6Page - Microchip Technology TC4423CPA Datasheet HTML 7Page - Microchip Technology TC4423CPA Datasheet HTML 8Page - Microchip Technology TC4423CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC4423/TC4424/TC4425
DS21421E-page 2
 2002-2012 Microchip Technology Inc.
Functional Block Diagram(1)
Effective
Input C = 20 pF
(Each Input)
TC4423 Dual Inverting
TC4424 Dual Non-inverting
TC4425 One Inverting, One Non-inverting
Output
Input
GND
VDD
300 mV
4.7V
Inverting
Non-inverting
Note 1: Unused inputs should be grounded.
750 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20